Part Number Hot Search : 
A3330 80001 5A28E48 CC8069 NTE2367 07028 74F169SJ 43650
Product Description
Full Text Search
 

To Download ZT5088 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
Intel NetStructure ZT 5088
(R) TM
12U General Purpose Packet Switched Platform
Product Overview
The Intel(R) NetStructureTM ZT 5088 12U General Purpose Packet Switched Platform is an extremely flexible, high-availability platform, configurable for both compute-intensive and I/O-intensive applications. It is one of several telecom building blocks from Intel, built on the PICMG* 2.16 specification, providing OEM equipment designers with carrier-grade, standards-based solutions. This high-capacity CompactPCI* platform features innovative power and cooling. In addition to its high-availability features, the ZT 5088 platform is highly modular, scalable, and extremely serviceable. It is designed to interoperate with the entire Intel NetStructure family of packet switched
TM (R)
High Availability
s s
Five-nines availability Redundant, hot-swappable modules for fault recovery - Two PICMG 2.16 10/100/1000 fabric slots - Two IPMI-based chassis management modules - N+1 cooling architecture - N+N load-sharing 250W AC or DC power supplies
s
Redundant power input (front- or rear panel cabling)
s
Dual-power domain midplane isolates catastrophic power failures
Highly Flexible
Multiple midplane configuration options
s
Intel in Communications
backplane products, and with third-party boards meeting the PICMG 2.16 specifications. The ZT 5088 platform supports five-nines (99.999%) availability with built-in redundancy for active system components including Ethernet switches, chassis management modules, power supplies and fan trays. Redundant chassis management modules enable customers to manage multiple SBCs and conduct chassis diagnostics remotely for enhanced system reliability. The ZT 5088 platform routes Ethernet signals across the backplane without the use of cables, saving time in set-up, maintenance and repair, and minimizing the thermal challenges of traditional cabling methods.
All node slots support 32/64-bit, 33/66MHz single board computers and peripherals
s s
Four PCI bus segments 21 rear-panel I/O slots (18 node slots, two fabric slots, and two 3U CMM slots)
Highly Manageable
s
IPMI-based, PICMG 2.9-compliant redundant chassis management modules
s
Unique star topology for increased reliability and security
Highly Serviceable
s
All Field-Replaceable Units (FRUs) serviceable from the front (except rear-panel transition boards)
Highly Scalable
Product Highlights
High Capacity
s s
s
Processors, I/O boards, power, and cooling
12U, 19-inch rack-mount enclosure 21 slots (18 node slots, two fabric slots, and two 3U chassis management slots)
s
Up to 50W per node slot and 80W per fabric slot power and cooling
s
Designed for NEBS Level 3 and ETSI installations
Product Brief
Intel(R) NetStructureTM ZT 5088
Flexible Midplane Configurations
The midplane is flexible and can accommodate multiple configurations. It supports up to 18 independent servers communicating over the PICMG 2.16-compliant Ethernet midplane (slots 3-20), or four dedicated system masters supporting four independent PCI bus segments (see Figure 1).
The ZT 5088 can also be configured to support two extended bus segments. PCI segments one and two are bridged together using Intel's ZT 5524A System Master Processor Board and ZT 4901A I/O Mezzanine Expansion Card, mated together and installed in slots 7 and 8. By bridging segments one and two together, one system master can control seven peripheral slots at 66MHz bus speed. The same bridging can be performed on PCI segments three and four with the ZT 5524/ZT 4901 pair installed in slots 16 and 17.
18 PICMG* 2.16-compliant Slots 21 RPIO available 2 Redundant Chassis Management Modules
Fan Tray 1
Fan Tray 2
Fan Tray 3
All slots support IEEE 1101.11-style, 80mm-deep transition cards in the rear-panel I/O section, directly behind the midplane. Each node and fabric slot may be independently configured for 3.3V or 5V VI/O operation
S1
System Master System Master
S2
S3
System Master System Master
S4
Chassis Management Module
The ZT 5088 includes two redundant Intel(R) NetStructureTM ZT 7102 chassis management modules (CMMs) that operate in active/standby mode. The ZT 7102 is the central management component for all Intel(R) NetStructureTM PICMG 2.16-compliant platforms. It uses standards-based interfaces, allowing management of third-party IPMI-based products within a NetStructure platform. It communicates with components in the ZT 5088 platform via point-to-point IPMB busses in a unique star topology to achieve comprehensive, highly available management.
2 Redundant Ethernet Fabric Slots Dual Power Input PSU 1 PSU 2 PSU 3 PSU 4 PSU 5 PSU 6 PSU 7 PSU 8
Figure 1: Component layout for ZT 5088 platform
Redundant Power Subsystems and Dual-Domain Architecture
The ZT 5088 platform supports a redundant, scalable power solution,
Fa n Tr ay
accommodating up to eight 3U CompactPCI power supplies, divided into two separate power subsystems. Each delivers power to one of the two power domains on the midplane. Each power subsystem supports N+N redundant power supplies and receives input power
ay Fa n Tr
CM
Po w er Su bs ys te m A
OR
M
A
&
B
2 n 1: ai 2 m gh es ) ay Tr Do ou od 4 n er hr N & Fa w 3t &9 s3 OR Po s 1 B ent ot h m Sl witc eg S IS 1 C n: (P ai 12 m h es ) Do oug od 2 er r N & w th & 9 s 1 Po ts 2 A ent oh Sl itc egm Sw I S C (P
from redundant DC or AC inputs. This is critical in central office locations where two power plants deliver redundant DC input into high-availability devices. These two power subsystems maintain isolation of these inputs (no diode OR'ing) to ensure that failure of one will not affect the power input of the other.
PS
1
PS PS 3
2
PS
4
PS PS 6
5
7
PS
8
PS
Figure 2: The ZT 5088 platform dual-power domain/redundant power-input architecture
Po Fe er wA ed
t an C) nd r D du o Re (AC ed ut at p ol In Is er w Po
Po w er
+N t N ms en te nd sys pe ub de S In r 2 we Po
Su bs ys te m B
For high availability, and to isolate catastrophic events, the midplane is divided into two separate power domains. Each power domain supports one fabric slot and nine node slots. The redundant CMMs and fan trays draw power from both domains for continued operation, should one domain fail (see Figure 2).
Po Fe er wB ed
Intel(R) NetStructureTM ZT 5088
Product Brief
Cooling Architecture
With 250W power supplies, the ZT 5088 platform supports more than 40W per slot or, when scaled to 350W power supplies, powers and cools up to 50W per node slot and 80W per fabric slot. The platform houses three hot-swappable fan trays, serviceable from the front. Each tray includes three blowers, and spans the distance from front to back of the chassis. The front blower cools the front card cage area, and the rear blower cools the power supplies and rear of the card cage. The middle blower cools both areas, providing N+1 redundant cooling for the entire chassis (see Figure 3).
Air Flow Front grill with filter Power supply Power plane Midplane Front 3 blowers per fan tray1 Rear
Figure 3: Cross section/side view of the ZT 5088 platform
Specifications
The most current product specifications and order options are posted on the Web version of this product brief (developer.intel.com/design/network/products/cbp/linecard.htm).
Specifications - The ZT 5088 platform is compliant with the following specifications:
s s
CompactPCI* Core Specification, PICMG* 2.0 R2.1 CompactPCI Hot Swap Specification, PICMG 2.1 R2.0 s CompactPCI System Management Specification, PICMG 2.9 R1.0 s CompactPCI Power Interface Specification, PICMG 2.11 R1.0 s CompactPCI Packet Switching Backplane Specification, PICMG 2.16 R1.0 s IPMI Specification, Version 1.5 s Standard CompactPCI Keying
Power Input: 100-230 VAC (50-60Hz) or -36 to -60 VDC
s
Output Voltage
+5V +3.3V +12V -12V
Output Current
160A 160A 22A 6A
Output: Assumes that 8 power supplies are installed, operating in the 4+4 configuration. The total wattage per supply not to exceed 250W.
Physical
s s s s
Height: Width: Depth: Weight: Safety
12U, 21" (533mm) 17.2" (436mm) without rack-mounted flanges. Rack-mount flanges allow mounting in 19-inch racks. 17" (431mm) 97.5 lbs. (44.2kg) UL/cUL 60950 Safety for Information Technology Equipment E179737 EN/IEC 60950 Safety for Information Technology Equipment CB Report Scheme CB Certificate and Report FCC, CFR 47, Part 15, Class B EN 55022 CISPR 22 GR-1089-CORE Sections 2 and 3 EN 55022 Class B Radiated EN 55022 Power Line Conducted Emissions EN 61000-3-2 Power Line Harmonic Emissions EN 61000-3-3 Power Line Fluctuation and Flicker EN 61000 4-2 Electro-Static Discharge (ESD) EN 61000 4-3 Radiated Susceptibility EN 61000 4-4 Electrical Fast Transient Burst EN 61000 4-5 Power Line Surge EN 61000 4-6 Frequency Magnetic Fields EN 61000 4-11 Voltage Dips, Variations, & Short Interruptions
Regulatory Compliance Pending
s
s
Emissions Test Regulations
Product Brief
Intel(R) NetStructureTM ZT 5088
Ordering Information
The Intel(R) NetStructureTM ZT 5088 12U General Purpose Packet Switched Platform includes the enclosure with PICMG 2.16-compliant midplane, eight power supplies, two ZT 7102 chassis management modules, and three fan trays. ZT 5088AC: Includes AC power input panel ZT 5088DC: Includes DC power input panel The ZT 5088 platform is designed to interoperate with the following Intel NetStructure building blocks (please see individual product briefs for details): Processor and I/O Boards ZT 5504B-1A: 1GHz Intel(R) Pentium(R) III processor - Low Power, 512 MB ECC SDRAM, EIDE hard drive, and SVGA ZT 5504B-1B: 1GHz Intel Pentium III processor - Low Power, 1GB ECC SDRAM, EIDE hard drive, and SVGA ZT 5504B-1C: 1GHz Intel Pentium III processor - Low Power, 1GB ECC SDRAM, EIDE hard drive, SVGA, and CD-ROM mezzanine card ZT 5524A-1A: Dual 933MHz Intel Pentium III processors - Low Power, SDRAM DIMM socket, single slot ZT 5524A-1B: Single 933MHz Intel Pentium III processor - Low Power, SDRAM DIMM socket, single slot ZT 4807: Rear-Panel Transition Board ZT 4901A: I/O Mezzanine Expansion Card Ethernet Switch ZT 8101: 10/100 24-port Ethernet managed Layer 2/3 Switch with 2Gbps uplinks ZT 8102: 16 port Layer 2/3 Gigabit Ethernet Switch ZT 8102HA: 16 port Layer 2/3 Gigabit Ethernet Switch with high availability management software Management ZT 7102: IPMI-based chassis management module Power Supplies ZT 6303: 250W AC power supply ZT 6313: 250W DC power supply Fan Tray ZT 5061: Fan tray with blowers
Intel Access
Developer's Site: Networking and Communications Building Blocks: Other Intel Support: developer.intel.com developer.intel.com/design/network Intel Literature Center developer.intel.com/design/network (800) 548-4725 7 a.m. to 7 p.m. CST (U.S. and Canada)
International locations please contact your local sales office.
General Information Hotline:
(800) 628-8686 or (916) 356-3104 5 a.m. to 5 p.m. PST
For more information, visit the Intel Web site at: developer.intel.com
UNITED STATES AND CANADA Intel Corporation Robert Noyce Bldg. 2200 Mission College Blvd. P.O. Box 58119 Santa Clara, CA 95052-8119 USA EUROPE Intel Corporation (UK) Ltd. Pipers Way Swindon Wiltshire SN3 1RJ UK
1
ASIA-PACIFIC Intel Semiconductor Ltd. 32/F Two Pacific Place 88 Queensway, Central Hong Kong, SAR
JAPAN Intel Kabushiki Kaisha P.O. Box 115 Tsukuba-gakuen 5-6 Tokodai, Tsukuba-shi Ibaraki-ken 305 Japan
SOUTH AMERICA Intel Semicondutores do Brazil Rue Florida, 1703-2 and CJ22 CEP 04565-001 Sao Paulo-SP Brazil
For details please refer to the Intel(R) NetStructureTM ZT 5085 12U Redundant Host Packet Switched Platform Technical Product Specification at http://developer.intel.com/design/network/manuals/zt5085.htm INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL'S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER, AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF INTEL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. Intel products are not intended for use in medical, life saving, or life sustaining applications. Intel may make changes to specifications and product descriptions at any time, without notice. Copyright (c) 2004 Intel Corporation. All rights reserved. Intel, the Intel logo, Pentium and NetStructure are trademarks or registered trademarks of Intel Corporation. Printed in USA 1004/DLC/OCG/XX/PDF Please Recycle
251266-003US


▲Up To Search▲   

 
Price & Availability of ZT5088

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X